Part Number Hot Search : 
AB1F3P LT1684CN QS5U121 TRMPB 3VL92 PSP1045 9480F 59ATR
Product Description
Full Text Search
 

To Download MA104CWAB002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 25 ma104.c.w.ab.002 specifcation part no. ma104.c.w.ab.002 product name hercules ma104 2in1 combination hercules gps/cellular screw mount (permanent mount) feature low profle - height 28.5mm and diameter 47.8mm heavy duty screw mount white pc casing gps - two stage 28db+ lna cellular - penta band antenna 850/900/1800/1900/2100/1575.42 mhz gsm/gprs/cdma/evdo/umts/hspa/wcdma ip67 compliance standard is 3 metres sma(m) gps:rg174 / cellular:cfd200 cables and connectors are fully customizable white version rohs compliant ma104.c.w.ab.002 on ground-plane hercules spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 2 of 25 the ma104.c.w gps &cellular 2in1 combination hercules antenna is a combination high performance gps and penta-band cellular antenna solution for reliable asset tracking and remote monitoring. durable uv and robust pc housing is resistant to vandalism and direct attack. at only 29 mm height it complies with the latest eu height restrictions directives for roof-mounted objects, with a diameter of 49 mm. it is designed to not catch on tree-branches. the hercules can be mounted on metal or non-metal structures as it has a metal ground-plane base integrated inside. the ma104 is also available in black. 1. introduction spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 3 of 25 2. specification electrical cellular amps 850 824 ~ 896 -6.5 -9.5 -10 -13 -14 38 31 23 25 11 2.0 1.2 0.5 0.1 -2.5 gsm 900 880 ~ 960 -6.0 -8 -9 -11 -14 54 35 20 29 11.5 3.3 1.3 -0.35 1.6 -2.4 dcs 1800 1710 ~ 1880 -8 -16 -21 -21 -25 54 42 32 22 11 3.6 1.8 1.5 0.1 -3.0 pcs 1900 1850 ~ 1990 -7 -17 -20 -21 -25 58 36 23 23 12 4.0 2 0 0.6 -2.3 linear 50 ohms 10 watts max. <3.5.0:1 cable length 0.3m 1.0m 2.0m 3.0m 5.0m cable length 0.3m 1.0m 2.0m 3.0m 5.0m cable length 0.3m 1.0m 2.0m 3.0m 5.0m 3g 2100 1920 ~ 2170 -5 -15 -18 -19 -23 50 31 21 18 11 3.0 1.2 -0.1 -0.9 -2.0 standard band (mhz) frequency (mhz) return loss (db) efficiency (%) peak gain (db) polarization impedance (ohms) input power vswr spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111 mechanical
page 4 of 25 2. specifications *note: the return loss, effciency and gain measurements in the above table, were taken for the antenna mounted on a 30x30 cm metal plate. for a specifc case performance refers to the below plots. electrical gps mechanical dimensions casing base and thread thread diameter weather proof gasket cable pull recommended mounting torque maximum mounting torque waterproof corrosion temperature range thermal shock humidity shock (drop test) 1575.42mhz 1.023mhz 50 ohm 2.0 max -2.0db passive gain @ zenith | -1.0dbi gain @ 10 degrees elevation 3.0 db max rhcp fo = 1575.42mhz | fo 30 mhz 5db min. fo 50 mhz 20db min. | fo 100 mhz 25db min. height 28.5mm x diameter 47.8mm white pc nickel plated steel 18mm dp-3060w foam with 3m9448hk double-side adhesive 8 kgf 24.5nm 29.4nm ip-67 & ip-69k 5% nacl for 96hrs - nickel plated steel base and thread -40c to +85c 100 cycles -40c to +85c non-condensing 65c 95% rh 1m drop on concrete 6 axes frequency impedance vswr gps patch gain axial ratio polarization out band rejection input voltage total gain @ zenith current consumption noise figure min:1.8v 25dbic 6ma 2.7db typ. 3.0v 30dbic 12ma 3.0db max: 5.5v 32dbic 30ma 3.7db environmental spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 5 of 25 3. test set up figure 1. ma104 antenna test set up in free space, 30x30 cm metal plate and 60x60 cm metal plate, r&szvl6 vna (left) and r&s4100 ctia 3d chamber (right). spe - 11- 8 - 054/e /ss page 4 of 23 3. t est set up y x z figure 1. ma104 antenna test set up in free space, 30x30 cm metal plate and 60x60 cm metal plate, r&szvl6 vna (left) and r&s4100 ctia 3d chamber (right). spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 6 of 25 4. cellular antenna parameters 700 2200 0 -5 -10 -15 -20 -25 -30 return loss (dbi) frequency (mhz) 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters figure 2. return loss of the ma104 antenna in free space figure 3. return loss of the ma104 antenna on 30*30cm metal plate 700 2200 0 -5 -10 -15 -20 -25 -30 return loss (dbi) 4.1 return loss frequency (mhz) 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters 4.1 return loss spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 7 of 25 figure 4. return loss of the ma104 antenna on 60*60cm metal plate. 700 2200 0 -5 -10 -15 -20 -25 -30 return loss (dbi) 4.1 return loss frequency (mhz) 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters 800 2200 70 60 50 40 30 20 10 0 effciency (%) frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters figure 5. ff.ffff 4.2 efficiency spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 8 of 25 figure 6. effciency of the ma104 antenna on 30*30cm metal plate. 800 2200 70 60 50 40 30 20 10 0 (iflhf frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters figure 7. effciency of the ma104 antenna on 60*60cm metal plate. 800 2200 70 60 50 40 30 20 10 0 (iflhf frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters 4.2 efficiency 4.2 efficiency spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 9 of 25 figure 8. gain of the ma104 antenna in free space 800 2200 8 6 4 2 0 -2 -4 -6 gain (dbi) frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters figure 9. gain of the ma104 antenna on 30*30cm metal plate 800 2200 8 6 4 2 0 -2 -4 -6 gain (dbi) frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters 4.3 peak gain 4.3 peak gain spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 10 of 25 figure 10. gain of the ma105 antenna on 60*60cm metal plate 800 2200 8 6 4 2 0 -2 -4 -6 gain (dbi) frequency (mhz) 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 0.3 meters 1.0 meters 2.0 meters 3.0 meters 5.0 meters 4.3 peak gain spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 11 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 11 of 23 4.4 radiation pattern figure 11. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space figure 12. radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg17 4 cable and free space spe - 11- 8 - 054/e /ss page 11 of 23 4.4 radiation pattern figure 11. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space figure 12. radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg17 4 cable and free space figure 11. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 meter rg174 cable and free space figure 12. radiation pattern at 915 mhz, figure 1 as reference (db), with 2 meter rg174 cable and free space spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 12 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 12 of 23 figure 13 . radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and fr ee space figure 14. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable a nd free space spe - 11- 8 - 054/e /ss page 12 of 23 figure 13 . radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and fr ee space figure 14. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable a nd free space figure 13. radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 meter rg174 cable and free space figure 14. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 meter rg174 cable and free space spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 13 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 13 of 23 figure 15. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space. figure 16. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate spe - 11- 8 - 054/e /ss page 13 of 23 figure 15. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space. figure 16. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 15. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 meter rg174 cable and free space. figure 16. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 30x30 cm metal plate spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 14 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 14 of 23 figure 17 . radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 18. r adiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 17. radiation pattern at 915 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 30x30 cm metal plate figure 18. radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 30x30 cm metal plate spe - 11- 8 - 054/e /ss page 14 of 23 figure 17 . radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 18. r adiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 15 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 15 of 23 figure 19. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 20. radiation p attern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 19. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 30x30 cm metal plate figure 20. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 30x30 cm metal plate spe - 11- 8 - 054/e /ss page 15 of 23 figure 19. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 20. radiation p attern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 16 of 25 4.4 radiation pattern spe - 11- 8 - 054/e /ss page 16 of 23 figure 21. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 22. radiation pattern at 9 15 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 21 . radiation pattern at 849 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 60x60 cm metal plate figure 22 . radiation pattern at 915 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 60x60 cm metal plate spe - 11- 8 - 054/e /ss page 16 of 23 figure 21. radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 22. radiation pattern at 9 15 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 17 of 25 4.4 radiation pattern figure 23. radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 60x60 cm metal plate figure 24. radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 60x60 cm metal plate spe - 11- 8 - 054/e /ss page 17 of 23 figure 23. radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 24. radiation pattern at 1910 mhz, fi gure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate spe - 11- 8 - 054/e /ss page 17 of 23 figure 23. radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 24. radiation pattern at 1910 mhz, fi gure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 18 of 25 4.4 radiation pattern figure 25. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 meter rg174 cable and 60x60 cm metal plate spe - 11- 8 - 054/e /ss page 18 of 23 figure 25. radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate 5. system block diagram 5. system block diagram saw filter antenna lna lna spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 19 of 25 6. gps patch radiation pattern 8 5 0 -5 -10 -15 -20 -25 -30 -35 -40 90 270 180 0 0 degree is the top of hercules. spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 20 of 25 6 1 tr1 s21 log mag 10.00db/ ref -40.00db (f2) 1 center 1.57542 ghz span 400 mhz 18/20 cor ifbw 70 khz cg1 tr1 s21 > 1 1.5754200 ghz 30.649 db cg1 tr1 s21 2 1.6054200 ghz -6.7098 db cg1 tr1 s21 3 1.5454200 ghz 24.584 db cg1 tr1 s21 4 1.6254200 ghz -5.6354 db cg1 tr1 s21 5 1.5254200 ghz 8.0734 db cg1 tr1 s21 6 1.6754200 ghz -15.436 db cg1 tr1 s21 7 1.4754200 ghz -1.5714 db 60.00 50.00 40.00 30.00 20.00 10.00 0.000 -10.00 -20.00 -30.00 -40.00 >1 1.5754200 ghz 30.649 db 2 1 3 5 7 4 7. lna properties 7.1 lna gain and out-band rejection @ 3.0v spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 21 of 25 1 40.00 gain scale/ 5.000 db -10.00 mkr1 1.5754 ghz 2.909 db 30.298 db center 1.57542 ghz bw 4 mhz points 11 span 3.00 mhz tcold 296.50 k avgs 16 att 0/ - - db loss off corr 9.000 nfig scale/ 1.000 db -1.000 1 7.2 noise figure spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 22 of 25 8. drawing spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 23 of 25 8. drawing name material finish qty 1 housing pc white 1 2 closed cell foam dp-3060w white 1 3 3m double adhesive 3m 9448 hk white liner 1 4 m18 inner nut carbon steel ni plated 1 5 outer nut cover abs white 1 6 m18x2.5 thread zinc alloy ni plated 1 7 heat shrink tube pe black 2 8 gps label coated paper orange 1 9 cellular label coated paper blue 1 10 rubber stopper rubber black 1 name spec finish qty vv connector type sma(m) st gold 1 ww connector type sma(m) st gold 1 xx cable length 3000 60mm 1 yy cable type rg174 black 1 zz cable type cfd 200 black 1 spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 24 of 25 9. installation spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111
page 25 of 25 10. packaging unless other specified tolerances on x x.x x.xx angles holedia scale xxxx unit mm drawn by: gabriel checked by: wayne designed by: orville approved by: wayne title: ma.104 hercules antenna assembly document ma.104.c.a451422.b451411 page rev. no. a iso no: psp-12-8-0233 page 8 of 8 5 b ? 5.1 ? pe 1 ? 1pcs antenna per big pc bag 5.2 ?? 40 pe , ?D? 40 big pe bags per box 5.3 ?r????, b?sy antenna should be placed flat and neat in the pe bag. hot seal the pe bag without pressing or damage the antenna 5.4 c???? double check the quantity in each box ma.104 pe 1pcs antenna per big pe bag 40 big pe bags per box unit : mm taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right upnblfdibohftuptfdmdbupotboe product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd. spe-13-8-043/c/ss | ma.104.c.w.a301111.b305111


▲Up To Search▲   

 
Price & Availability of MA104CWAB002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X